Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC30F2012AT30I/SP Fiches technique(PDF) 31 Page - Microchip Technology

No de pièce DSPIC30F2012AT30I/SP
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT30I/SP Fiches technique(HTML) 31 Page - Microchip Technology

Back Button DSPIC30F2012AT30I/SP Datasheet HTML 27Page - Microchip Technology DSPIC30F2012AT30I/SP Datasheet HTML 28Page - Microchip Technology DSPIC30F2012AT30I/SP Datasheet HTML 29Page - Microchip Technology DSPIC30F2012AT30I/SP Datasheet HTML 30Page - Microchip Technology DSPIC30F2012AT30I/SP Datasheet HTML 31Page - Microchip Technology DSPIC30F2012AT30I/SP Datasheet HTML 32Page - Microchip Technology DSPIC30F2012AT30I/SP Datasheet HTML 33Page - Microchip Technology DSPIC30F2012AT30I/SP Datasheet HTML 34Page - Microchip Technology DSPIC30F2012AT30I/SP Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 29
dsPIC30F2011/2012/3012/3013
TABLE 3-1:
PROGRAM SPACE ADDRESS CONSTRUCTION
FIGURE 3-3:
DATA ACCESS FROM PROGRAM SPACE ADDRESS GENERATION
Access Type
Access
Space
Program Space Address
<23>
<22:16>
<15>
<14:1>
<0>
Instruction Access
User
0
PC<22:1>
0
TBLRD/TBLWT
User
(TBLPAG<7> = 0)
TBLPAG<7:0>
Data EA<15:0>
TBLRD/TBLWT
Configuration
(TBLPAG<7> = 1)
TBLPAG<7:0>
Data EA<15:0>
Program Space Visibility
User
0
PSVPAG<7:0>
Data EA<14:0>
0
Program Counter
23 bits
1
PSVPAG Reg
8 bits
EA
15 bits
Program
Using
Select
TBLPAG Reg
8 bits
EA
16 bits
Using
Byte
24-bit EA
0
0
1/0
Select
User/
Configuration
Table
Instruction
Program
Space
Counter
Using
Space
Select
Visibility
Note:
Program space visibility cannot be used to access bits <23:16> of a word in program memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More