| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPIC30F2012AT20E/SO Fiches technique(PDF) 47 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2012AT20E/SO Fiches technique(HTML) 47 Page - Microchip Technology |
|
47 / 205 page ![]() © 2006 Microchip Technology Inc. DS70139E-page 45 dsPIC30F2011/2012/3012/3013 FIGURE 4-2: BIT-REVERSED ADDRESS EXAMPLE TABLE 4-2: BIT-REVERSED ADDRESS SEQUENCE (16-ENTRY) TABLE 4-3: BIT-REVERSED ADDRESS MODIFIER VALUES FOR XBREV REGISTER Normal Address Bit-Reversed Address A3 A2 A1 A0 Decimal A3 A2 A1 A0 Decimal 00 00 0 00 00 0 00 01 1 10 00 8 00 10 2 01 00 4 00 11 3 11 00 12 01 00 4 00 10 2 01 01 5 10 10 10 01 10 6 01 10 6 01 11 7 11 10 14 10 00 8 00 01 1 10 01 9 10 01 9 10 10 10 01 01 5 10 11 11 11 01 13 11 00 12 00 11 3 11 01 13 10 11 11 11 10 14 01 11 7 11 11 15 11 11 15 Buffer Size (Words) XB<14:0> Bit-Reversed Address Modifier Value 1024 0x0200 512 0x0100 256 0x0080 128 0x0040 64 0x0020 32 0x0010 16 0x0008 80x0004 40x0002 20x0001 b3 b2 b1 0 b2 b3 b4 0 Bit Locations Swapped Left-to-Right Around Center of Binary Value Bit-Reversed Address XB = 0x0008 for a 16-word Bit-Reversed Buffer b7 b6 b5 b1 b7 b6 b5 b4 b11 b10 b9 b8 b11 b10 b9 b8 b15 b14 b13 b12 b15 b14 b13 b12 Sequential Address Pivot Point |