Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24HJ12GP201I/ML Fiches technique(PDF) 9 Page - Microchip Technology

No de pièce PIC24HJ12GP201I/ML
Description  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201I/ML Fiches technique(HTML) 9 Page - Microchip Technology

Back Button PIC24HJ12GP201I/ML Datasheet HTML 5Page - Microchip Technology PIC24HJ12GP201I/ML Datasheet HTML 6Page - Microchip Technology PIC24HJ12GP201I/ML Datasheet HTML 7Page - Microchip Technology PIC24HJ12GP201I/ML Datasheet HTML 8Page - Microchip Technology PIC24HJ12GP201I/ML Datasheet HTML 9Page - Microchip Technology PIC24HJ12GP201I/ML Datasheet HTML 10Page - Microchip Technology PIC24HJ12GP201I/ML Datasheet HTML 11Page - Microchip Technology PIC24HJ12GP201I/ML Datasheet HTML 12Page - Microchip Technology PIC24HJ12GP201I/ML Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 234 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70282B-page 7
PIC24HJ12GP201/202
1.0
DEVICE OVERVIEW
This document contains device specific information for
the following devices:
• PIC24HJ12GP201
• PIC24HJ12GP202
Figure 1-1 shows a general block diagram of the core
and peripheral modules in the PIC24HJ12GP201/202
family of devices. Table 1-1 lists the functions of the
various pins shown in the pinout diagrams.
Note:
This data sheet summarizes the features
of the PIC24HJ12GP201/202 devices. It is
not intended to be a comprehensive refer-
ence source. To complement the informa-
tion in this data sheet, refer to the “PIC24H
Family Reference Manual”. Please see
the Microchip web site (www.micro-
chip.com) for the latest PIC24H Family
Reference Manual chapters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More