Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADA4899-1YCPZ-R2 Fiches technique(PDF) 17 Page - Analog Devices

No de pièce ADA4899-1YCPZ-R2
Description  Unity-Gain Stable, Ultralow Distortion, 1 nV/Hz Voltage Noise, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADA4899-1YCPZ-R2 Fiches technique(HTML) 17 Page - Analog Devices

Back Button ADA4899-1YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4899-1YCPZ-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
ADA4899-1
Rev. C | Page 17 of 20
Grounding
Use ground and power planes where possible. Ground and
power planes reduce the resistance and inductance of the power
planes and ground returns. The returns for the input, output
terminations, bypass capacitors, and RG should all be kept as
close to the ADA4899-1 as possible. The output load ground
and the bypass capacitor grounds should be returned to the
same point on the ground plane to minimize parasitic trace
inductance, ringing, and overshoot and to improve distortion
performance.
The ADA4899-1 packages feature an exposed paddle. For
optimum electrical and thermal performance, solder this
paddle to ground. For more information on high speed circuit
design, see A Practical Guide to High-Speed Printed-Circuit-
Board Layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20