| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPIC30F2012A20E/P Fiches technique(PDF) 67 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2012A20E/P Fiches technique(HTML) 67 Page - Microchip Technology |
|
67 / 205 page ![]() © 2006 Microchip Technology Inc. DS70139E-page 65 dsPIC30F2011/2012/3012/3013 8.2 Reset Sequence A Reset is not a true exception because the interrupt controller is not involved in the Reset process. The pro- cessor initializes its registers in response to a Reset which forces the PC to zero. The processor then begins program execution at location 0x000000. A GOTO instruction is stored in the first program memory loca- tion immediately followed by the address target for the GOTO instruction. The processor executes the GOTO to the specified address and then begins operation at the specified target (start) address. 8.2.1 RESET SOURCES In addition to external Reset and Power-on Reset (POR), there are 6 sources of error conditions which ‘trap’ to the Reset vector. • Watchdog Time-out: The watchdog has timed out, indicating that the processor is no longer executing the correct flow of code. • Uninitialized W Register Trap: An attempt to use an uninitialized W register as an Address Pointer causes a Reset. • Illegal Instruction Trap: Attempted execution of any unused opcodes results in an illegal instruction trap. Note that a fetch of an illegal instruction does not result in an illegal instruction trap if that instruction is flushed prior to execution due to a flow change. • Brown-out Reset (BOR): A momentary dip in the power supply to the device has been detected which may result in malfunction. • Trap Lockout: Occurrence of multiple trap conditions simultaneously causes a Reset. 8.3 Traps Traps can be considered as non-maskable interrupts indicating a software or hardware error, which adhere to a predefined priority as shown in Figure 8-1. They are intended to provide the user a means to correct erroneous operation during debug and when operating within the application. Note that many of these trap conditions can only be detected when they occur. Consequently, the question- able instruction is allowed to complete prior to trap exception processing. If the user chooses to recover from the error, the result of the erroneous action that caused the trap may have to be corrected. There are 8 fixed priority levels for traps: Level 8 through Level 15, which implies that the IPL3 is always set during processing of a trap. If the user is not currently executing a trap, and he sets the IPL<3:0> bits to a value of ‘0111’ (Level 7), then all interrupts are disabled, but traps can still be processed. 8.3.1 TRAP SOURCES The following traps are provided with increasing prior- ity. However, since all traps can be nested, priority has little effect. Math Error Trap: The math error trap executes under the following three circumstances: 1. If an attempt is made to divide by zero, the divide operation is aborted on a cycle boundary and the trap is taken. 2. If enabled, a math error trap is taken when an arithmetic operation on either accumulator A or B causes an overflow from bit 31 and the accu- mulator guard bits are not utilized. 3. If enabled, a math error trap is taken when an arithmetic operation on either accumulator A or B causes a catastrophic overflow from bit 39 and all saturation is disabled. 4. If the shift amount specified in a shift instruction is greater than the maximum allowed shift amount, a trap occurs. Note: If the user does not intend to take correc- tive action in the event of a trap error condition, these vectors must be loaded with the address of a default handler that simply contains the RESET instruction. If, on the other hand, one of the vectors containing an invalid address is called, an address error trap is generated. |