Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F685-E/SSQTP Fiches technique(PDF) 77 Page - Microchip Technology

No de pièce PIC16F685-E/SSQTP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685-E/SSQTP Fiches technique(HTML) 77 Page - Microchip Technology

Back Button PIC16F685-E/SSQTP Datasheet HTML 73Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 74Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 75Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 76Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 77Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 78Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 79Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 80Page - Microchip Technology PIC16F685-E/SSQTP Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 294 page
background image
© 2007 Microchip Technology Inc.
DS41262D-page 75
PIC16F631/677/685/687/689/690
TABLE 4-2:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTB
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
IOCB
IOCB7
IOCB6
IOCB5
IOCB4
—
—
—
—
0000 ---- 0000 ----
INTCON
GIE
PEIE
T0IE
INTE
RABIE
T0IF
INTF
RABIF
0000 000x 0000 000x
PORTB
RB7
RB6
RB5
RB4
—
—
—
—
xxxx ---- uuuu ----
TRISB
TRISB7 TRISB6 TRISB5 TRISB4
—
—
—
—
1111 ---- 1111 ----
WPUB
WPUB7 WPUB6 WPUB5 WPUB4
—
—
—
—
1111 ---- 1111 ----
Legend: x = unknown, u = unchanged, — = unimplemented read as ‘0’. Shaded cells are not used by PORTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More