Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F616-E/MLSQTP Fiches technique(PDF) 95 Page - Microchip Technology

No de pièce PIC16F616-E/MLSQTP
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-E/MLSQTP Fiches technique(HTML) 95 Page - Microchip Technology

Back Button PIC16F616-E/MLSQTP Datasheet HTML 91Page - Microchip Technology PIC16F616-E/MLSQTP Datasheet HTML 92Page - Microchip Technology PIC16F616-E/MLSQTP Datasheet HTML 93Page - Microchip Technology PIC16F616-E/MLSQTP Datasheet HTML 94Page - Microchip Technology PIC16F616-E/MLSQTP Datasheet HTML 95Page - Microchip Technology PIC16F616-E/MLSQTP Datasheet HTML 96Page - Microchip Technology PIC16F616-E/MLSQTP Datasheet HTML 97Page - Microchip Technology PIC16F616-E/MLSQTP Datasheet HTML 98Page - Microchip Technology PIC16F616-E/MLSQTP Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 180 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41288C-page 93
PIC16F610/616/16HV610/616
FIGURE 10-7:
EXAMPLE ENHANCED PWM OUTPUT RELATIONSHIPS (ACTIVE-LOW STATE)
0
Period
00
10
01
11
Signal
PR2+1
P1M<1:0>
P1A Modulated
P1A Modulated
P1B Modulated
P1A Active
P1B Inactive
P1C Inactive
P1D Modulated
P1A Inactive
P1B Modulated
P1C Active
P1D Inactive
Pulse
Width
(Single Output)
(Half-Bridge)
(Full-Bridge,
Forward)
(Full-Bridge,
Reverse)
Delay(1)
Delay(1)
Relationships:
•
Period = 4 * TOSC * (PR2 + 1) * (TMR2 Prescale Value)
•
Pulse Width = TOSC * (CCPR1L<7:0>:CCP1CON<5:4>) * (TMR2 Prescale Value)
•
Delay = 4 * TOSC * (PWM1CON<6:0>)
Note
1:
Dead-band delay is programmed using the PWM1CON register (Section 10.4.6 “Programmable Dead-Band Delay
mode”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More