| Moteur de recherche de fiches techniques de composants électroniques |
|
DDO-CJS Fiches technique(PDF) 3 Page - DOMINANT Semiconductors |
|
|
|||||||||||||||||||||||||||||
DDO-CJS Fiches technique(HTML) 3 Page - DOMINANT Semiconductors |
|
3 / 12 page ![]() 06/09/2006 V2.0 3 Group Dominant wavelength is measured with an accuracy of ± 1 nm. Wavelength Grouping Wavelength distribution (nm) Color DDS; Super-red DDO; Orange DDY; Yellow Full Full W X Y Z Full W X Y Z 625 - 640 600 - 612 600 - 603 603 - 606 606 - 609 609 - 612 582 - 594 582 - 585 585 - 588 588 - 591 591 - 594 AlInGaP : DDx-xJS-I2 DOMINANT TM Semiconductors Innovating Illumination Typ. (V) Vf @ If = 2mA Forward voltages are measure using a current pulse of 1 ms and with an accuracy of ± 0.1V. Electrical Characteristics at Ta=25˚C Max. (V) Vr @ Ir = 10uA Min. (V) Part Number DDS-CJS, DDO-CJS, DDY-CJS 1.8 2.2 12 Unit Absolute Maximum Ratings Maximum Value DC forward current Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.1) Reverse voltage ESD Thereshold (HBM) LED junction temperature Operating temperature Storage temperature Power dissipation (at room temperature) 20 100 12 2 125 -40 … +100 -40 … +100 45 mA mA V KV ˚C ˚C ˚C mW |