| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F-I/ML Fiches technique(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F-I/ML Fiches technique(HTML) 41 Page - Microchip Technology |
|
41 / 178 page ![]() © 2007 Microchip Technology Inc. DS40044F-page 39 PIC16F627A/628A/648A FIGURE 5-12: BLOCK DIAGRAM OF RB4/PGM PIN Data Latch TRIS Latch RD TRISB Q D Q CK Q D Q CK RD PORTB WR PORTB WR TRISB Schmitt Trigger PGM input LVP Data Bus RB4/PGM VDD weak pull-up P From other QD EN QD EN Set RBIF RB<7:4> pins TTL input buffer VDD VSS Note: The low-voltage programming disables the interrupt-on-change and the weak pull-ups on RB4. RBPU Q1 Q3 (Configuration Bit) |