Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC12F609-E/STQTP Fiches technique(PDF) 88 Page - Microchip Technology

No de pièce PIC12F609-E/STQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F609-E/STQTP Fiches technique(HTML) 88 Page - Microchip Technology

Back Button PIC12F609-E/STQTP Datasheet HTML 84Page - Microchip Technology PIC12F609-E/STQTP Datasheet HTML 85Page - Microchip Technology PIC12F609-E/STQTP Datasheet HTML 86Page - Microchip Technology PIC12F609-E/STQTP Datasheet HTML 87Page - Microchip Technology PIC12F609-E/STQTP Datasheet HTML 88Page - Microchip Technology PIC12F609-E/STQTP Datasheet HTML 89Page - Microchip Technology PIC12F609-E/STQTP Datasheet HTML 90Page - Microchip Technology PIC12F609-E/STQTP Datasheet HTML 91Page - Microchip Technology PIC12F609-E/STQTP Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 168 page
background image
PIC12F609/615/12HV609/615
DS41302A-page 86
Preliminary
© 2006 Microchip Technology Inc.
10.4.2
START-UP CONSIDERATIONS
When any PWM mode is used, the application
hardware must use the proper external pull-up and/or
pull-down resistors on the PWM output pins.
The CCP1M<1:0> bits of the CCP1CON register allow
the user to choose whether the PWM output signals are
active-high or active-low for each PWM output pin (P1A
and P1B). The PWM output polarities must be selected
before the PWM pin output drivers are enabled.
Changing the polarity configuration while the PWM pin
output drivers are enable is not recommended since it
may result in damage to the application circuits.
The P1A and P1B output latches may not be in the proper
states when the PWM module is initialized. Enabling the
PWM pin output drivers at the same time as the
Enhanced PWM modes may cause damage to the
application circuit. The Enhanced PWM modes must be
enabled in the proper Output mode and complete a full
PWM cycle before configuring the PWM pin output
drivers. The completion of a full PWM cycle is indicated
by the TMR2IF bit of the PIR1 register being set as the
second PWM period begins.
Note:
When the microcontroller is released from
Reset, all of the I/O pins are in the
high-impedance state. The external cir-
cuits must keep the power switch devices
in the OFF state until the microcontroller
drives the I/O pins with the proper signal
levels or activates the PWM output(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More