Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC12F635-E/SS Fiches technique(PDF) 60 Page - Microchip Technology

No de pièce PIC12F635-E/SS
Description  8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635-E/SS Fiches technique(HTML) 60 Page - Microchip Technology

Back Button PIC12F635-E/SS Datasheet HTML 56Page - Microchip Technology PIC12F635-E/SS Datasheet HTML 57Page - Microchip Technology PIC12F635-E/SS Datasheet HTML 58Page - Microchip Technology PIC12F635-E/SS Datasheet HTML 59Page - Microchip Technology PIC12F635-E/SS Datasheet HTML 60Page - Microchip Technology PIC12F635-E/SS Datasheet HTML 61Page - Microchip Technology PIC12F635-E/SS Datasheet HTML 62Page - Microchip Technology PIC12F635-E/SS Datasheet HTML 63Page - Microchip Technology PIC12F635-E/SS Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 58
© 2007 Microchip Technology Inc.
4.3.1
RC0/C2IN+
Figure 4-7 shows the diagram for this pin. The RC0 pin
is configurable to function as one of the following:
• a general purpose I/O
• an analog input to the comparator
4.3.2
RC1/C2IN-
Figure 4-7 shows the diagram for this pin. The RC1 pin
is configurable to function as one of the following:
• a general purpose I/O
• an analog input to the comparator
4.3.3
RC2
Figure 4-8 shows the diagram for this pin. The RC2 pin
is configurable to function as a general purpose I/O.
4.3.4
RC3
Figure 4-8 shows the diagram for this pin. The RC3 pin
is configurable to function as a general purpose I/O.
4.3.5
RC5
Figure 4-8 shows the diagram for this pin. The RC5 pin
is configurable to function as a general purpose I/O.
FIGURE 4-7:
BLOCK DIAGRAM OF RC0
AND RC1
FIGURE 4-8:
BLOCK DIAGRAM OF
RC2, RC3 AND RC5
I/O pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data Bus
WR
PORTC
WR
TRISC
RD
TRISC
RD
PORTC
Analog Input
Mode
To Comparators
I/O pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data Bus
WR
PORTC
WR
TRISC
RD
TRISC
RD
PORTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More