Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F-E/SS Fiches technique(PDF) 44 Page - Microchip Technology

No de pièce PIC16F-E/SS
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-E/SS Fiches technique(HTML) 44 Page - Microchip Technology

Back Button PIC16F-E/SS Datasheet HTML 40Page - Microchip Technology PIC16F-E/SS Datasheet HTML 41Page - Microchip Technology PIC16F-E/SS Datasheet HTML 42Page - Microchip Technology PIC16F-E/SS Datasheet HTML 43Page - Microchip Technology PIC16F-E/SS Datasheet HTML 44Page - Microchip Technology PIC16F-E/SS Datasheet HTML 45Page - Microchip Technology PIC16F-E/SS Datasheet HTML 46Page - Microchip Technology PIC16F-E/SS Datasheet HTML 47Page - Microchip Technology PIC16F-E/SS Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 42
© 2007 Microchip Technology Inc.
FIGURE 5-15:
BLOCK DIAGRAM OF THE RB7/T1OSI/PGD PIN
Data Latch
TRIS Latch
RD TRISB
Q
D
Q
CK
Q
D
Q
CK
RD PORTB
WR PORTB
WR TRISB
T10SCEN
Data Bus
RB7/T1OSI/
To RB6
RBPU
VDD
weak pull-up
P
PGD pin
TTL
input
buffer
From other
QD
EN
QD
EN
Set RBIF
RB<7:4> pins
Serial Programming Input
Schmitt
Trigger
TMR1 oscillator
VDD
VSS
Q3
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More