Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F505-E/ST Fiches technique(PDF) 64 Page - Microchip Technology

No de pièce PIC16F505-E/ST
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505-E/ST Fiches technique(HTML) 64 Page - Microchip Technology

Back Button PIC16F505-E/ST Datasheet HTML 60Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 61Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 62Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 63Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 64Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 65Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 66Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 67Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 100 page
background image
PIC12F508/509/16F505
DS41236C-page 62
Preliminary
© 2007 Microchip Technology Inc.
TRIS
Load TRIS Register
Syntax:
[ label ] TRIS
f
Operands:
f = 6
Operation:
(W)
→ TRIS register f
Status Affected:
None
Description:
TRIS register ‘f’ (f = 6 or 7) is
loaded with the contents of the W
register
XORLW
Exclusive OR literal with W
Syntax:
[label ]XORLW k
Operands:
0
≤ k ≤ 255
Operation:
(W) .XOR. k
→ (W)
Status Affected:
Z
Description:
The contents of the W register are
XOR’ed with the eight-bit literal ‘k’.
The result is placed in the W
register.
XORWF
Exclusive OR W with f
Syntax:
[ label ] XORWF
f,d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(W) .XOR. (f)
→ (dest)
Status Affected:
Z
Description:
Exclusive OR the contents of the
W register with register ‘f’. If ‘d’ is
‘0’, the result is stored in the W
register. If ‘d’ is ‘1’, the result is
stored back in register ‘f’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100