| Moteur de recherche de fiches techniques de composants électroniques |
|
LM10A Fiches technique(PDF) 2 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
LM10A Fiches technique(HTML) 2 Page - OSRAM GmbH |
|
2 / 4 page ![]() Drawing Drawing is missing !!! Operating Temperature at Tc-Point [ °C ] * Storage Temperature [ °C ] * Product Voltage Range [ V dc ] * Reverse Voltage [ V dc ] * Minimum and Maximum Ratings LM10A-W2-865 23 25 25 ... -30 75 -40 85 ... ... LM10A-W1-865 23 25 25 ... -30 75 -40 85 ... ... LM10A-W2-854 23 25 25 ... -30 75 -40 85 ... ... LM10A-W1-854 23 25 25 ... -30 75 -40 85 ... ... LM10A-W2-847 23 25 25 ... -30 75 -40 85 ... ... LM10A-W1-847 23 25 25 ... -30 75 -40 85 ... ... LM10A-W3-727 23 25 25 ... -30 75 -40 85 ... ... LM10A-A1 23 25 25 ... -30 85 -40 85 ... ... LM10A-Y1 23 25 25 ... -30 85 -40 85 ... ... LM10A-T2 23 25 25 ... -30 75 -40 85 ... ... LM10A-B1 23 25 25 ... -30 75 -40 85 ... ... Exceeding maximum ratings for operating and storage temperature will reduce expected life time or destroy the LED Module. Exceeding maximum ratings for operating voltage will cause hazardous overload and will likely destroy the LED Module. The temperature of the LED module must be measured at the Tc-point according to EN60598-1 in a thermally constant status with a temperature sensor or a temperature sensitive label. For exact location of the Tc-point see drawing below. *) Page 2 of 4 LM10A - 20.07.2007 |