Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F010-I/MCSQTP Fiches technique(PDF) 37 Page - Microchip Technology

No de pièce PIC16F010-I/MCSQTP
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-I/MCSQTP Fiches technique(HTML) 37 Page - Microchip Technology

Back Button PIC16F010-I/MCSQTP Datasheet HTML 33Page - Microchip Technology PIC16F010-I/MCSQTP Datasheet HTML 34Page - Microchip Technology PIC16F010-I/MCSQTP Datasheet HTML 35Page - Microchip Technology PIC16F010-I/MCSQTP Datasheet HTML 36Page - Microchip Technology PIC16F010-I/MCSQTP Datasheet HTML 37Page - Microchip Technology PIC16F010-I/MCSQTP Datasheet HTML 38Page - Microchip Technology PIC16F010-I/MCSQTP Datasheet HTML 39Page - Microchip Technology PIC16F010-I/MCSQTP Datasheet HTML 40Page - Microchip Technology PIC16F010-I/MCSQTP Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 116 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41268C-page 35
PIC12F510/16F506
TABLE 5-5:
REQUIREMENTS FOR DIGITAL PIN OPERATION (PIC12F510)
GP0
GP0
GP1
GP1
GP2
GP2
GP3
GP4
GP5
CM1CON0
C1ON
01
0
1
0
1
—
—
—
C1PREF
—
0
—
1
—
—
—
—
—
C1NREF
—
—
—
0
—
—
—
—
—
C1T0CS
—
—
—
—
—
1
—
—
—
C1OUTEN
—
—
—
—
—
1
—
—
—
CM2CON0
C2ON
—
—
—
—
—
—
—
—
—
C2PREF1
—
—
—
—
—
—
—
—
—
C2PREF2
—
—
—
—
—
—
—
—
—
C2NREF
—
—
—
—
—
—
—
—
—
C2OUTEN
—
—
—
—
—
—
—
—
—
VRCON0
VROE
—
—
—
—
—
—
—
—
—
VREN
—
—
—
—
—
—
—
—
—
OPTION
T0CS
—
—
—
—
—
0
—
—
—
ADCON0
ANS<1:0>
00
, 01
00
, 01
00
, 01, 10 00, 01, 10
00
00
—
—
—
CONFIG
MCLRE
—
—
—
—
—
—
—
—
—
INTOSC
—
—
—
—
—
—
—
—
—
LP
—
—
—
—
—
—
—
Disabled
Disabled
EXTRC
—
—
—
—
—
—
—
—
Disabled
XT
—
—
—
—
—
—
—
Disabled
Disabled
Note 1:
Multiple column entries for a pin demonstrate the different permutations to arrive at digital functionality for
the pin.
2:
Shaded cells indicate the bit status does not affect the pins digital functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More