Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431C Fiches technique(PDF) 13 Page - NXP Semiconductors

No de pièce TL431C
Description  Adjustable precision shunt regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TL431C Fiches technique(HTML) 13 Page - NXP Semiconductors

Back Button TL431C Datasheet HTML 8Page - NXP Semiconductors TL431C Datasheet HTML 9Page - NXP Semiconductors TL431C Datasheet HTML 10Page - NXP Semiconductors TL431C Datasheet HTML 11Page - NXP Semiconductors TL431C Datasheet HTML 12Page - NXP Semiconductors TL431C Datasheet HTML 13Page - NXP Semiconductors TL431C Datasheet HTML 14Page - NXP Semiconductors TL431C Datasheet HTML 15Page - NXP Semiconductors TL431C Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Philips Semiconductors
Product specification
TL431C, TL431AC, TL431I,
TL431AI, LM431AC
Adjustable precision shunt regulators
1997 Feb 25
13
SOT54
1.6
4.2 max.
1
2
3
4.8
max.
2.54
0.66
0.56
5.2 max.
2.0 max. (1)
12.7 min.
0.40
min.
0.48
0.40
Dimensions in mm.
(1) Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
SL01191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16