| Moteur de recherche de fiches techniques de composants électroniques |
|
MBR540MFS Fiches technique(PDF) 5 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
MBR540MFS Fiches technique(HTML) 5 Page - ON Semiconductor |
|
5 / 6 page ![]() M 3.00 3.40 q 0 −−− _ 3.80 12 _ DFN5 5x6, 1.27P (SO−8FL) CASE 488AA ISSUE N DATE 25 JUN 2018 SCALE 2:1 NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION D1 AND E1 DO NOT INCLUDE MOLD FLASH PROTRUSIONS OR GATE BURRS. XXXXXX = Specific Device Code A = Assembly Location Y = Year W = Work Week ZZ = Lot Traceability 12 3 4 TOP VIEW SIDE VIEW BOTTOM VIEW D1 E1 q D E 2 2 B A 0.20 C 0.20 C 2 X 2 X DIM MIN NOM MILLIMETERS A 0.90 1.00 A1 0.00 −−− b 0.33 0.41 c 0.23 0.28 D 5.15 D1 4.70 4.90 D2 3.80 4.00 E 6.15 E1 5.70 5.90 E2 3.45 3.65 e 1.27 BSC G 0.51 0.575 K 1.20 1.35 L 0.51 0.575 L1 0.125 REF A 0.10 C 0.10 C DETAIL A 14 L1 e/2 8X D2 G E2 K b A 0.10 B C 0.05 c L DETAIL A A1 c 4 X C SEATING PLANE GENERIC MARKING DIAGRAM* 1 XXXXXX AYWZZ 1 MAX 1.10 0.05 0.51 0.33 5.10 4.20 6.10 3.85 0.71 1.50 0.71 STYLE 1: PIN 1. SOURCE 2. SOURCE 3. SOURCE 4. GATE 5. DRAIN M *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. SOLDERING FOOTPRINT* 1.270 2X 0.750 1.000 0.905 4.530 1.530 4.560 0.495 3.200 1.330 0.965 2X 2X 4X 4X PIN 5 (EXPOSED PAD) STYLE 2: PIN 1. ANODE 2. ANODE 3. ANODE 4. NO CONNECT 5. CATHODE 5.00 5.30 6.00 6.30 PITCH DIMENSIONS: MILLIMETERS 1 RECOMMENDED e 2X 0.475 *This information is generic. Please refer to device data sheet for actual part marking. Pb−Free indicator, “G” or microdot “ G”, may or may not be present. Some products may not follow the Generic Marking. MECHANICAL CASE OUTLINE PACKAGE DIMENSIONS 98AON14036D DOCUMENT NUMBER: DESCRIPTION: Electronic versions are uncontrolled except when accessed directly from the Document Repository. Printed versions are uncontrolled except when stamped “CONTROLLED COPY” in red. PAGE 1 OF 1 DFN5 5x6, 1.27P (SO−8FL) onsemi and are trademarks of Semiconductor Components Industries, LLC dba onsemi or its subsidiaries in the United States and/or other countries. onsemi reserves the right to make changes without further notice to any products herein. onsemi makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does onsemi assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. onsemi does not convey any license under its patent rights nor the rights of others. © Semiconductor Components Industries, LLC, 2018 www.onsemi.com |