Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST3000DM009 Fiches technique(PDF) 2 Page - Seagate Technology LLC

No de pièce ST3000DM009
Description  7200 RPM spindle speed.
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEAGATE [Seagate Technology LLC]
Site Internet  https://www.seagate.com/as/en/
Logo SEAGATE - Seagate Technology LLC

ST3000DM009 Fiches technique(HTML) 2 Page - Seagate Technology LLC

  ST3000DM009 Datasheet HTML 1Page - Seagate Technology LLC ST3000DM009 Datasheet HTML 2Page - Seagate Technology LLC ST3000DM009 Datasheet HTML 3Page - Seagate Technology LLC ST3000DM009 Datasheet HTML 4Page - Seagate Technology LLC ST3000DM009 Datasheet HTML 5Page - Seagate Technology LLC ST3000DM009 Datasheet HTML 6Page - Seagate Technology LLC ST3000DM009 Datasheet HTML 7Page - Seagate Technology LLC ST3000DM009 Datasheet HTML 8Page - Seagate Technology LLC ST3000DM009 Datasheet HTML 9Page - Seagate Technology LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
© 2016 Seagate Technology LLC. All rights reserved.
Publication number: 100804187, Rev. A July 2016
Seagate, Seagate Technology, BarraCuda and the Spiral logo are registered trademarks of Seagate Technology LLC in the United States and/or other countries. AcuTrac, OptiCache, Smar-
tAlign and SeaTools are either trademarks or registered trademarks of Seagate Technology LLC or one of its affiliated companies in the United States and/or other countries. All other
trademarks or registered trademarks are the property of their respective owners.
No part of this publication may be reproduced in any form without written permission of Seagate Technology LLC.
Call 877-PUB-TEK1(877-782-8351) to request permission.
When referring to drive capacity, one gigabyte, or GB, equals one billion bytes and one terabyte, or TB, equals one trillion bytes. Your computer’s operating system may use a different
standard of measurement and report a lower capacity. In addition, some of the listed capacity is used for formatting and other functions, and thus will not be available for data storage.
Actual quantities will vary based on various factors, including file size, file format, features and application software. Actual data rates may vary depending on operating environment and
other factors. The export or re-export of hardware or software containing encryption may be regulated by the U.S. Department of Commerce, Bureau of Industry and Security (for more
information, visit www.bis.doc.gov), and controlled for import and use outside of the U.S. Seagate reserves the right to change, without notice, product offerings or specifications.
Document Revision History
Revision
Date
Description of Change
Rev. A
07/08/2016
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38