Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F616-E/PQTP Fiches technique(PDF) 40 Page - Microchip Technology

No de pièce PIC16F616-E/PQTP
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-E/PQTP Fiches technique(HTML) 40 Page - Microchip Technology

Back Button PIC16F616-E/PQTP Datasheet HTML 36Page - Microchip Technology PIC16F616-E/PQTP Datasheet HTML 37Page - Microchip Technology PIC16F616-E/PQTP Datasheet HTML 38Page - Microchip Technology PIC16F616-E/PQTP Datasheet HTML 39Page - Microchip Technology PIC16F616-E/PQTP Datasheet HTML 40Page - Microchip Technology PIC16F616-E/PQTP Datasheet HTML 41Page - Microchip Technology PIC16F616-E/PQTP Datasheet HTML 42Page - Microchip Technology PIC16F616-E/PQTP Datasheet HTML 43Page - Microchip Technology PIC16F616-E/PQTP Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 180 page
background image
PIC16F610/616/16HV610/616
DS41288C-page 38
Preliminary
© 2007 Microchip Technology Inc.
4.2.4.6
RA5/T1CKI/OSC1/CLKIN
Figure 4-5 shows the diagram for this pin. The RA5 pin
is configurable to function as one of the following:
• a general purpose I/O
• a Timer1 clock input
• a crystal/resonator connection
• a clock input
FIGURE 4-5:
BLOCK DIAGRAM OF RA5
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
VDD
D
EN
Q
D
EN
Q
Weak
Data Bus
WR
WPUA
RD
WPUA
RD
PORTA
WR
PORTA
WR
TRISA
RD
TRISA
WR
IOCA
RD
IOCA
To Timer1
INTOSC
Mode
RD PORTA
INTOSC
Mode
RAPU
OSC2
Note 1:
Timer1 LP Oscillator enabled.
2:
Set has priority over Reset.
TMR1LPEN(1)
Oscillator
Circuit
Q1
I/O Pin
Interrupt-on-
Change
S(2)
R
Q
From other
RA<4:0> pins
Write ‘0’ to RAIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More