| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F-E/SO Fiches technique(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F-E/SO Fiches technique(HTML) 13 Page - Microchip Technology |
|
13 / 178 page ![]() © 2007 Microchip Technology Inc. DS40044F-page 11 PIC16F627A/628A/648A TABLE 3-2: PIC16F627A/628A/648A PINOUT DESCRIPTION Name Function Input Type Output Type Description RA0/AN0 RA0 ST CMOS Bidirectional I/O port AN0 AN — Analog comparator input RA1/AN1 RA1 ST CMOS Bidirectional I/O port AN1 AN — Analog comparator input RA2/AN2/VREF RA2 ST CMOS Bidirectional I/O port AN2 AN — Analog comparator input VREF —AN VREF output RA3/AN3/CMP1 RA3 ST CMOS Bidirectional I/O port AN3 AN — Analog comparator input CMP1 — CMOS Comparator 1 output RA4/T0CKI/CMP2 RA4 ST OD Bidirectional I/O port T0CKI ST — Timer0 clock input CMP2 — OD Comparator 2 output RA5/MCLR/VPP RA5 ST — Input port MCLR ST — Master clear. When configured as MCLR, this pin is an active low Reset to the device. Voltage on MCLR/VPP must not exceed VDD during normal device operation. VPP — — Programming voltage input RA6/OSC2/CLKOUT RA6 ST CMOS Bidirectional I/O port OSC2 — XTAL Oscillator crystal output. Connects to crystal or resonator in Crystal Oscillator mode. CLKOUT — CMOS In RC/INTOSC mode, OSC2 pin can output CLKOUT, which has 1/4 the frequency of OSC1. RA7/OSC1/CLKIN RA7 ST CMOS Bidirectional I/O port OSC1 XTAL — Oscillator crystal input CLKIN ST — External clock source input. RC biasing pin. RB0/INT RB0 TTL CMOS Bidirectional I/O port. Can be software programmed for internal weak pull-up. INT ST — External interrupt RB1/RX/DT RB1 TTL CMOS Bidirectional I/O port. Can be software programmed for internal weak pull-up. RX ST — USART receive pin DT ST CMOS Synchronous data I/O RB2/TX/CK RB2 TTL CMOS Bidirectional I/O port. Can be software programmed for internal weak pull-up. TX — CMOS USART transmit pin CK ST CMOS Synchronous clock I/O RB3/CCP1 RB3 TTL CMOS Bidirectional I/O port. Can be software programmed for internal weak pull-up. CCP1 ST CMOS Capture/Compare/PWM I/O Legend: O = Output CMOS = CMOS Output P = Power — = Not used I = Input ST = Schmitt Trigger Input TTL = TTL Input OD = Open Drain Output AN = Analog |