| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F688-E/ST Fiches technique(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F688-E/ST Fiches technique(HTML) 13 Page - Microchip Technology |
|
13 / 202 page ![]() © 2007 Microchip Technology Inc. DS41203D-page 11 PIC16F688 TABLE 2-3: PIC16F688 SPECIAL REGISTERS SUMMARY BANK 2 Addr Name Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2 Bit 1Bit 0 Value on POR/BOR Page Bank 2 100h INDF Addressing this location uses contents of FSR to address data memory (not a physical register) xxxx xxxx 20, 117 101h TMR0 Timer0 Module’s register xxxx xxxx 45, 117 102h PCL Program Counter’s (PC) Least Significant Byte 0000 0000 19, 117 103h STATUS IRP RP1 RP0 TO PD ZDC C 0001 1xxx 13, 117 104h FSR Indirect Data Memory Address Pointer xxxx xxxx 20, 117 105h PORTA — — RA5 RA4 RA3 RA2 RA1 RA0 --x0 x000 33, 117 106h — Unimplemented — — 107h PORTC — — RC5 RC4 RC3 RC2 RC1 RC0 --xx 0000 42, 117 108h — Unimplemented — — 109h — Unimplemented — — 10Ah PCLATH — — — Write Buffer for upper 5 bits of Program Counter ---0 0000 19, 117 10Bh INTCON GIE PEIE T0IE INTE RAIE T0IF INTF RAIF(2) 0000 000x 15, 117 10Ch — Unimplemented — — 10Dh — Unimplemented — — 10Eh — Unimplemented — — 10Fh — Unimplemented — — 110h — Unimplemented — — 111h — Unimplemented — — 112h — Unimplemented — — 113h — Unimplemented — — 114h — Unimplemented — — 115h — Unimplemented — — 116h — Unimplemented — — 117h — Unimplemented — — 118h — Unimplemented — — 119h — Unimplemented — — 11Ah — Unimplemented — — 11Bh — Unimplemented — — 11Ch — Unimplemented — — 11Dh — Unimplemented — — 11Eh — Unimplemented — — 11Fh — Unimplemented — — Legend: – = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented Note 1: Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation. 2: MCLR and WDT Reset does not affect the previous value data latch. The RAIF bit will be cleared upon Reset but will set again if the mismatched exists. |