Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F688-E/SLSQTP Fiches technique(PDF) 174 Page - Microchip Technology

No de pièce PIC16F688-E/SLSQTP
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688-E/SLSQTP Fiches technique(HTML) 174 Page - Microchip Technology

Back Button PIC16F688-E/SLSQTP Datasheet HTML 170Page - Microchip Technology PIC16F688-E/SLSQTP Datasheet HTML 171Page - Microchip Technology PIC16F688-E/SLSQTP Datasheet HTML 172Page - Microchip Technology PIC16F688-E/SLSQTP Datasheet HTML 173Page - Microchip Technology PIC16F688-E/SLSQTP Datasheet HTML 174Page - Microchip Technology PIC16F688-E/SLSQTP Datasheet HTML 175Page - Microchip Technology PIC16F688-E/SLSQTP Datasheet HTML 176Page - Microchip Technology PIC16F688-E/SLSQTP Datasheet HTML 177Page - Microchip Technology PIC16F688-E/SLSQTP Datasheet HTML 178Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 202 page
background image
© 2007 Microchip Technology Inc.
DS41203D-page 172
PIC16F688
FIGURE 15-18:
MAXIMUM WDT IPD vs. VDD OVER TEMPERATURE
FIGURE 15-19:
WDT PERIOD vs. VDD OVER TEMPERATURE
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
2.0V
2.5V
3.0V
3.5V
4.0V
4.5V
5.0V
5.5V
VDD (V)
Max. 125°C
Max. 85°C
Minimum
Typical
10
12
14
16
18
20
22
24
26
28
30
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
Typical: Statistical Mean @25°C
Maximum: Mean + 3
σ
Max. (125°C)
Max. (85°C)
Maximum: Mean + 3
σ (-40°C to 125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More