| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F688-E/SLSQTP Fiches technique(PDF) 170 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F688-E/SLSQTP Fiches technique(HTML) 170 Page - Microchip Technology |
|
170 / 202 page ![]() © 2007 Microchip Technology Inc. DS41203D-page 168 PIC16F688 FIGURE 15-10: IDD vs. VDD (LP MODE) FIGURE 15-11: TYPICAL IDD vs. FOSC OVER VDD (HFINTOSC MODE) LP Mode 0 10 20 30 40 50 60 70 80 90 2 2.5 33.544.5 55.5 VDD (V) Typical: Statistical Mean @25°C Maximum: Mean (Worst-case Temp) + 3 σ (-40°C to 125°C) 32 kHz Maximum 32 kHz Typical HFINTOSC 2.0V 3.0V 4.0V 5.0V 5.5V 0 200 400 600 800 1,000 1,200 1,400 1,600 1,800 125 kHz 250 kHz 500 kHz 1 MHz 2 MHz 4 MHz 8 MHz VDD (V) Typical: Statistical Mean @25°C Maximum: Mean (Worst-case Temp) + 3 σ (-40°C to 125°C) |