Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F-E/P Fiches technique(PDF) 12 Page - Microchip Technology

No de pièce PIC16F-E/P
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-E/P Fiches technique(HTML) 12 Page - Microchip Technology

Back Button PIC16F-E/P Datasheet HTML 8Page - Microchip Technology PIC16F-E/P Datasheet HTML 9Page - Microchip Technology PIC16F-E/P Datasheet HTML 10Page - Microchip Technology PIC16F-E/P Datasheet HTML 11Page - Microchip Technology PIC16F-E/P Datasheet HTML 12Page - Microchip Technology PIC16F-E/P Datasheet HTML 13Page - Microchip Technology PIC16F-E/P Datasheet HTML 14Page - Microchip Technology PIC16F-E/P Datasheet HTML 15Page - Microchip Technology PIC16F-E/P Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 10
© 2007 Microchip Technology Inc.
FIGURE 3-1:
BLOCK DIAGRAM
Note
1:
Higher order bits are from the Status register.
Flash
Program
Memory
13
Data Bus
8
14
Program
Bus
Instruction Reg
Program Counter
8-Level Stack
(13-bit)
RAM
File
Registers
Direct Addr
7
RAM Addr (1)
9
Addr MUX
Indirect
Addr
FSR Reg
Status Reg
MUX
ALU
W Reg
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Instruction
Decode &
Control
Timing
Generation
OSC1/CLKIN
OSC2/CLKOUT
MCLR
VDD, VSS
PORTA
PORTB
RA4/T0CK1/CMP2
RA5/MCLR/VPP
RB0/INT
8
8
Brown-out
Reset
USART
CCP1
Timer0
Timer1
Timer2
RA3/AN3/CMP1
RA2/AN2/VREF
RA1/AN1
RA0/AN0
8
3
RB1/RX/DT
RB2/TX/CK
RB3/CCP1
RB4/PGM
RB5
RB6/T1OSO/T1CKI/PGC
RB7/T1OSI/PGD
Low-Voltage
Programming
RA6/OSC2/CLKOUT
RA7/OSC1/CLKIN
VREF
Comparator
Data EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More