Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F505-E/MC Fiches technique(PDF) 39 Page - Microchip Technology

No de pièce PIC16F505-E/MC
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505-E/MC Fiches technique(HTML) 39 Page - Microchip Technology

Back Button PIC16F505-E/MC Datasheet HTML 35Page - Microchip Technology PIC16F505-E/MC Datasheet HTML 36Page - Microchip Technology PIC16F505-E/MC Datasheet HTML 37Page - Microchip Technology PIC16F505-E/MC Datasheet HTML 38Page - Microchip Technology PIC16F505-E/MC Datasheet HTML 39Page - Microchip Technology PIC16F505-E/MC Datasheet HTML 40Page - Microchip Technology PIC16F505-E/MC Datasheet HTML 41Page - Microchip Technology PIC16F505-E/MC Datasheet HTML 42Page - Microchip Technology PIC16F505-E/MC Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41236C-page 37
PIC12F508/509/16F505
FIGURE 6-5:
BLOCK DIAGRAM OF THE TIMER0/WDT PRESCALER(1), (2)
TCY (= FOSC/4)
Sync
2
Cycles
TMR0 Reg
8-bit Prescaler
8-to-1 MUX
M
MUX
Watchdog
Timer
PSA
0
1
0
1
WDT
Time-out
PS<2:0>
8
PSA
WDT Enable bit
0
1
0
1
Data Bus
8
PSA
T0CS
M
U
X
M
U
X
U
X
T0SE
(GP2/RC5)/T0CKI
pin
Note 1:
T0CS, T0SE, PSA, PS<2:0> are bits in the OPTION register.
2:
T0CKI is shared with pin RC5 on the PIC16F505 and pin GP2 on the PIC12F508/509.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100