| Moteur de recherche de fiches techniques de composants électroniques |
|
DDP-SJS-P1 Fiches technique(PDF) 4 Page - DOMINANT Semiconductors |
|
|
|||||||||||||||||||||||||||||
DDP-SJS-P1 Fiches technique(HTML) 4 Page - DOMINANT Semiconductors |
|
4 / 12 page ![]() 24/11/2006 V(3.0) 4 AlInGaP : DDP-SJS-NP2-1-I3 DOMINANT TM Semiconductors Innovating Illumination Relative Luminous Intensity Vs Forward Current Forward Current, mA 0 10 20 30 40 50 60 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 Forward Current Vs Forward Voltage Forward Voltage, V 1.2 1.4 1.6 1.8 2 2.2 2.4 0 5 10 15 20 25 30 35 Maximum Current Vs Temperature Ambient Temperature 0 20 40 60 80 100 0 10 20 30 40 50 60 Relative Intensity Vs Wavelength Wavelength, nm 500 600 700 800 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 0.2 70° 90° 80° 0 60° 50° 40° 30° 20° 0.6 0.4 1.0 0.8 10° 0° Radiation Pattern |