| Moteur de recherche de fiches techniques de composants électroniques |
|
MB2011LS2G02-BA Fiches technique(PDF) 23 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
MB2011LS2G02-BA Fiches technique(HTML) 23 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
23 / 23 page ![]() Series MB2000 Large Bushing Miniature Pushbuttons C94 C www.nkkswitches.com CUSTOM ASSEMBLY WITH ROUND SHROUD MB2011SB1W01-4C-A Effective Panel Thickness: .217” (5.5mm) maximum CUSTOM ASSEMBLY WITH RECTANGULAR SHROUD Effective Panel Thickness: .217” (5.5mm) maximum (12.5) Dia .492 (11.5) .453 (1.5) .060 (12.5) Dia .492 (11.5) .453 (1.5) .060 COM 63 2 5 4 1 (13.0) .512 (2.0) Typ .079 (12.7) .500 (4.8) .189 COM 63 2 5 4 1 (13.0) .512 (2.0) Typ .079 (12.7) .500 (4.8) .189 (18.4) Dia .724 (22.0) Dia .866 (24.0) Dia .945 3 2 1 (13.0) .512 COM (7.9) .311 (2.0) .079 (17.7) Dia .697 (2.0) .079 (14.0) .551 (27.5) 1.083 (13.0) .512 (0.5) .020 (4.5) .177 (4.7) Typ .185 (0.8) Typ .031 (1.1) x (2.0) Typ .043 x .079 M12P1 Keyway (16.1) .634 (20.6) .811 (21.0) .827 (20.1) .791 (24.6) .969 COM 3 2 1 (13.0) .512 (7.9) .311 (2.0) .079 (26.2) 1.031 (19.4) .764 (2.0) .079 (14.0) .551 (27.5) 1.083 (13.0) .512 (0.5) .020 (4.5) .177 (4.7) Typ .185 (0.8) Typ .031 (1.1) x (2.0) Typ .043 x .079 M12P1 Keyway Single Pole Double Pole MB2011SB1W01-5C-A Single Pole Double Pole |