Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSF0102DDFR Fiches technique(PDF) 21 Page - Texas Instruments

No de pièce LSF0102DDFR
Description  LSF0102 2 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102DDFR Fiches technique(HTML) 21 Page - Texas Instruments

Back Button LSF0102DDFR Datasheet HTML 17Page - Texas Instruments LSF0102DDFR Datasheet HTML 18Page - Texas Instruments LSF0102DDFR Datasheet HTML 19Page - Texas Instruments LSF0102DDFR Datasheet HTML 20Page - Texas Instruments LSF0102DDFR Datasheet HTML 21Page - Texas Instruments LSF0102DDFR Datasheet HTML 22Page - Texas Instruments LSF0102DDFR Datasheet HTML 23Page - Texas Instruments LSF0102DDFR Datasheet HTML 24Page - Texas Instruments LSF0102DDFR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Changes from Revision A (July 2023) to Revision B (April 2024)
Page
• Added the DTM (X2SON, 8) package information throughout the datasheet.................................................... 1
• Added the Up and Down Translation sections..................................................................................................11
• Added the Bias Circuitry section.......................................................................................................................13
Changes from Revision * (April 2023) to Revision A (July 2023)
Page
• Updated the Package Information table format to include package leads......................................................... 1
• Updated the Recommended Operating Conditions table to reflect max of 5.5V................................................ 5
• Updated the Thermal Information table for DCU and DCT packages................................................................ 5
• Updated the Switching Characteristics Table for Translation Down and Up table .............................................6
• Changed pull up resistor to bias resistor in Enable, Disable, and Reference Voltage Guidelines section....... 13
www.ti.com
LSF0102
SDLS972B – APRIL 2023 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LSF0102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42