Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ENC28J60T-C/ML Fiches technique(PDF) 52 Page - Microchip Technology

No de pièce ENC28J60T-C/ML
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60T-C/ML Fiches technique(HTML) 52 Page - Microchip Technology

Back Button ENC28J60T-C/ML Datasheet HTML 48Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 49Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 50Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 51Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 52Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 53Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 54Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 55Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 96 page
background image
ENC28J60
DS39662B-page 50
Preliminary
© 2006 Microchip Technology Inc.
FIGURE 8-2:
RECEIVE FILTERING USING AND LOGIC
CRCEN set?
Packet Detected on Wire
ANDOR = 1 (AND)
CRC valid?
Yes
Yes
Accept Packet
Reject Packet
UCEN set?
PMEN set?
MPEN set?
HTEN set?
MCEN set?
BCEN set?
No
Unicast
Pattern
Magic Packet
Hash table
Multicast
Broadcast
destination?
Yes
Yes
Yes
Yes
Yes
Yes
No
No
No
No
No
No
No
Yes
No
No
Yes
No
Yes
No
Yes
No
Yes
No
Yes
destination?
bit set?
for us?
matches?
packet?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96