Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ENC28J60T-C/SS Fiches technique(PDF) 61 Page - Microchip Technology

No de pièce ENC28J60T-C/SS
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60T-C/SS Fiches technique(HTML) 61 Page - Microchip Technology

Back Button ENC28J60T-C/SS Datasheet HTML 57Page - Microchip Technology ENC28J60T-C/SS Datasheet HTML 58Page - Microchip Technology ENC28J60T-C/SS Datasheet HTML 59Page - Microchip Technology ENC28J60T-C/SS Datasheet HTML 60Page - Microchip Technology ENC28J60T-C/SS Datasheet HTML 61Page - Microchip Technology ENC28J60T-C/SS Datasheet HTML 62Page - Microchip Technology ENC28J60T-C/SS Datasheet HTML 63Page - Microchip Technology ENC28J60T-C/SS Datasheet HTML 64Page - Microchip Technology ENC28J60T-C/SS Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 96 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS39662B-page 59
ENC28J60
11.0
RESET
The ENC28J60 differentiates between various kinds of
Reset:
• Power-on Reset (POR)
• System Reset
• Transmit Only Reset
• Receive Only Reset
• Miscellaneous MAC and PHY Subsystem Resets
A simplified block diagram of the On-Chip Reset Circuit
is shown in Figure 11-1.
FIGURE 11-1:
ON-CHIP RESET CIRCUIT
POR
Soft Reset Command
System Reset
Reset Host Interface
Reset Transmit
Reset Receive
Transmit Reset
Receive Reset
Hardware Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96