Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ENC28J60T-C/SP Fiches technique(PDF) 59 Page - Microchip Technology

No de pièce ENC28J60T-C/SP
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60T-C/SP Fiches technique(HTML) 59 Page - Microchip Technology

Back Button ENC28J60T-C/SP Datasheet HTML 55Page - Microchip Technology ENC28J60T-C/SP Datasheet HTML 56Page - Microchip Technology ENC28J60T-C/SP Datasheet HTML 57Page - Microchip Technology ENC28J60T-C/SP Datasheet HTML 58Page - Microchip Technology ENC28J60T-C/SP Datasheet HTML 59Page - Microchip Technology ENC28J60T-C/SP Datasheet HTML 60Page - Microchip Technology ENC28J60T-C/SP Datasheet HTML 61Page - Microchip Technology ENC28J60T-C/SP Datasheet HTML 62Page - Microchip Technology ENC28J60T-C/SP Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 96 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS39662B-page 57
ENC28J60
TABLE 10-1:
SUMMARY OF REGISTERS USED WITH FLOW CONTROL
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
ECON1
TXRST
RXRST
DMAST
CSUMEN
TXRTS
RXEN
BSEL1
BSEL0
13
MACON1
—
—
—
r
TXPAUS
RXPAUS
PASSALL MARXEN
14
MABBIPG
—
Back-to-Back Inter-Packet Gap (BBIPG<6:0>)
14
EFLOCON
—
—
—
—
—
FULDPXS
FCEN1
FCEN0
14
EPAUSL
Pause Timer Value Low Byte (EPAUS<7:0>)
14
EPAUSH
Pause Timer Value High Byte (EPAUS<15:8>)
14
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96