Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GU1084 Fiches technique(PDF) 2 Page - GTM CORPORATION

No de pièce GU1084
Description  5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GTM [GTM CORPORATION]
Site Internet  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GU1084 Fiches technique(HTML) 2 Page - GTM CORPORATION

  GU1084 Datasheet HTML 1Page - GTM CORPORATION GU1084 Datasheet HTML 2Page - GTM CORPORATION GU1084 Datasheet HTML 3Page - GTM CORPORATION GU1084 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GU1084
Page: 2/4
ISSUED DATE :2003/06/14
REVISED DATE :2006/03/29E
Absolute Maximum Ratings
Symbol
Parameter
Ratings
Unit
Vin
DC Supply Voltage
-0.3 to 12
V
PD
Power Dissipation
Internally Limited
TST
Storage Temperature
-65 ~ + 150
:
TOP
Operating Junction Temperature Range
0 ~ + 150
:
Electrical Characteristics
Symbol
Parameter
Conditions(Notes)
MIN
TYP
MAX
UNIT
VREF
GU1084ADJ
Io=10mA, Tj=25 : , (Vin-Vout )=1.5V
1.225
1.250
1.275
V
GU1084-1.5
Io=10mA, Tj=25 ,
: 3.0V Vin 12V
1.470
1.500
1.530
V
GU1084-1.8
Io=10mA, Tj=25 ,
: 3.3V Vin 12V
1.764
1.800
1.836
V
GU1084-2.5
Io=10mA, Tj=25 ,
: 4.0V Vin 12V
2.450
2.500
2.550
V
GU1084-3.3
Io=10mA, Tj=25 ,
: 4.8V Vin 12V
3.235
3.300
3.365
V
Output Voltage
GU1084-5.0
Io=10mA, Tj=25 ,
: 6.5V Vin 12V
4.900
5.000
5.100
V
Line Regulation
GU1084XXX
Io=10mA, Vout+1.5V<Vin<12V, Tj=25 :
-
-
0.2
%
GU1084ADJ
Vin=3.3V, 0mA<Io<5A, TJ=25
(Note 1,2)
:
-
-
1
%
GU1084-1.5
Vin=3.0V, 0mA<Io<5A, TJ=25
(Note 1,2)
:
-
12
15
mV
GU1084-1.8
Vin=3.3V, 0mA<Io<5A, TJ=25
(Note 1,2)
:
-
15
18
mV
GU1084-2.5
Vin=4.0V, 0mA<Io<5A, TJ=25
(Note 1,2)
:
-
20
25
mV
GU1084-3.3
Vin=5.0V, 0mA<Io<5A, TJ=25
(Note 1,2)
:
-
26
33
mV
Load Regulation
GU1084-5.0
Vin=8.0V, 0mA<Io<5A, TJ=25
(Note 1,2)
:
-
40
50
mV
Vo
Dropout Voltage
Io=5.0A( Vout=1% Vout)
-
1.4
1.5
V
ILIM
Current Limit
Vin-Vout=5V
5.1
-
-
A
IMIN
Minimum Load Current
Vin=5V (adjustable model)
-
5
10
mA
IADJ
Adjust Pin Current
Vin=12V, Io=10mA
-
55
100
uA
IQ
Quiescent Current
Vin=12V, Io=0mA (fixed model)
-
-
12
mA
Temperature Stability
Io=10mA
-
0.5
-
%
JA
Thermal Resistance
Junction-to-Ambient(No
heat sink ;No air flow)
-
91
-
/w
:
JC
Thermal Resistance
Junction-to-Case
-
10
-
/w
:
Note 1: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured
at a constant junction Temperature by low duty cycle pulse testing .Load regulation is measured at the output lead =1/18” from the
package.
Note 2: Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the
difference between input and output and the output current .Guaranteed maximum power dissipation will not be available over the
full input/output range.



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com