| Moteur de recherche de fiches techniques de composants électroniques |
|
MVR21 Fiches technique(PDF) 2 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
MVR21 Fiches technique(HTML) 2 Page - Rohm |
|
2 / 4 page ![]() MVR21 Resistors 2/3 Reel Taping Compatible with JEITA standard "EIAJ ET-7200B" (Unit : mm) A0 B0 WF E P0 D0 K 2.45 ± 0.1 3.2 ± 0.1 8.0 ± 0.2 3.5 ± 0.05 1.75 ± 0.1 P1 4.0 ± 0.1 P2 2.0 ± 0.05 4.0 ± 0.1 φ1.5 + 0.1 0 1.8 + 0 −0.1 AB C D φ180 0 −3 φ60 9 ± 1.0/−0 φ13 ± 0.2 +1 0 (Unit : mm) ラベル D B A C P1 A0 P2 P0 K Dimensions (Unit: mm) A (B) C D E IJ K L M 2.0 (1.35 ±0.2) 1.5±0.2 2.85±0.15 0.4 F N 1.35 G 0.75 1.0 ±0.1 0.55±0.1 0.6±0.2 0.75±0.1 1.02±0.1 0.48±0.1 (Unit : mm) +0.05 0 +0.05 0 +0.15 −0.05 +0.15 −0 Substrate Resistance paste Alumina substrate Wiper Thick film resistive element Metal 2nd Terminal (T2) Metal and Ni plating and Sn plating 1st,3rd Terminals (T1, T3) Metal and Ni plating and SnAgCu solder Protective film Insulator Name of part Material H 0.9 ±0.1 Equivalent circuit T : terminal T1 T3 T2 Packaging ① ② ③ ④ ⑤ |