| Moteur de recherche de fiches techniques de composants électroniques |
|
PWR-745AC-R Fiches technique(PDF) 12 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
PWR-745AC-R Fiches technique(HTML) 12 Page - Arista Networks, Inc |
|
12 / 16 page ![]() 7280R | Ordering Information Product Number Product Description DCS-7280CR-48-F Arista 7280R, 48x100GbE QSFP and 8x40GbE QSFP+ switch, front to rear air, 2 x AC and 2 x C19-C20 cords DCS-7280CR-48# Arista 7280R, 48x100GbE QSFP and 8x40GbE QSFP+ switch, con gurable fans and psu, 2 x C19-C20 cords DCS-7280CR-48-D# Arista 7280R, 48x100GbE QSFP and 8x40GbE QSFP+ switch, SSD, con gurable fans and psu, 2 x C19-C20 cords DCS-7280CR-48-DC-F Arista 7280R, 48x100GbE QSFP and 8x40GbE QSFP+ switch, front to rear air, 2 x DC DCS-7280QR-C72-F Arista 7280R, 72x40GbE QSFP+ with 16x100GbE QSFP switch, front to rear air, 2x AC and 2xC19-C20 cords DCS-7280QR-C72-R Arista 7280R, 72x40GbE QSFP+ with 16x100GbE QSFP switch, rear to front air, 2x AC and 2xC19-C20 cords DCS-7280QR-C72# Arista 7280R, 72x40GbE QSFP+ with 16x100GbE QSFP switch, con gurable fans and psu DCS-7280QR-C72M-F Arista 7280R, 72x40GbE QSFP+ with 16x100GbE QSFP switch, expn mem, SSD, front to rear air, 2x AC DCS-7280QR-C72M-R Arista 7280R, 72x40GbE QSFP+ with 16x100GbE QSFP switch, expn mem, SSD, rear to front air, 2x AC DCS-7280QR-C72-M# Arista 7280R, 72x40GbE QSFP+ with 16x100GbE QSFP switch, expn mem, SSD, con gurable fans and psu DCS-7280QR-C36-F Arista 7280R, 24x40GbE QSFP+ & 12x100GbE QSFP switch, front to rear air, 2x AC and 2xC13-C14 cords DCS-7280QR-C36-R Arista 7280R, 24x40GbE QSFP+ & 12x100GbE QSFP switch, rear to front air, 2x AC and 2xC13-C14 cords DCS-7280QR-C36# Arista 7280R, 24x40GbE QSFP+ & 12x100GbE QSFP switch, con gurable fans and psu, 2xC13-C14 cords DCS-7280QR-C36-M-F Arista 7280R, 24x40GbE QSFP+ & 12x100GbE QSFP switch, expn mem, SSD, front to rear air, 2x AC DCS-7280QR-C36-M-R Arista 7280R, 24x40GbE QSFP+ & 12x100GbE QSFP switch, expn mem, SSD, rear to front air, 2x AC DCS-7280QR-C36-M# Arista 7280R, 24x40GbE QSFP+ & 12x100GbE QSFP switch, expn mem, SSD, con gurable fans and psu DCS-7280SR-48C6-F Arista 7280R, 48x10GbE (SFP+) & 6x100GbE QSFP switch, front to rear air, 2x AC and 2xC13-C14 cords DCS-7280SR-48C6-R Arista 7280R, 48x10GbE (SFP+) & 6x100GbE QSFP switch, rear to front air, 2x AC and 2xC13-C14 cords DCS-7280SR-48C6# Arista 7280R, 48x10GbE (SFP+) & 6x100GbE QSFP switch, con gurable fans and psu, 2xC13-C14 cords DCS-7280SR-48C6-M-F Arista 7280R, 48x10GbE (SFP+) & 6x100GbE QSFP switch, expn mem, SSD, front to rear air, 2x AC and 2xC13-C14 cords DCS-7280SR-48C6-M-R Arista 7280R, 48x10GbE (SFP+) & 6x100GbE QSFP switch, expn mem, SSD, rear to front air, 2x AC and 2xC13-C14 cords DCS-7280SR-48C6-M# Arista 7280R, 48x10GbE (SFP+) & 6x100GbE QSFP switch, expn mem, SSD, con gurable fans and psu DCS-7280TR-48C6-F Arista 7280R, 48x10GbE RJ45 (1/10G) & 6x100GbE QSFP switch, front to rear air, 2x AC and 2xC13-C14 cords DCS-7280TR-48C6-R Arista 7280R, 48x10GbE RJ45 (1/10G) & 6x100GbE QSFP switch, rear to front air, 2x AC and 2xC13-C14 cords DCS-7280TR-48C6# Arista 7280R, 48x10GbE RJ45 (1/10G) & 6x100GbE QSFP switch, con gurable fans and psu, 2xC13-C14 cords DCS-7280TR-48C6-M# Arista 7280R, 48x10GbE RJ45 (1/10G) & 6x100GbE QSFP switch, expn mem, SSD, con gurable fans and psu Note: - Arista 7280CR and 7280QR-C72 switches ship with two C19-C20 power cables (2m). Other power cables must be ordered separately - Front-to-rear means the air ows from the switch port side to the fan side. Rear to front means the air ows from the fan side to the switch port side. |