Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LEBP1MR Fiches technique(PDF) 16 Page - OSRAM GmbH

No de pièce LEBP1MR
Description  OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBP1MR Fiches technique(HTML) 16 Page - OSRAM GmbH

Back Button LEBP1MR Datasheet HTML 12Page - OSRAM GmbH LEBP1MR Datasheet HTML 13Page - OSRAM GmbH LEBP1MR Datasheet HTML 14Page - OSRAM GmbH LEBP1MR Datasheet HTML 15Page - OSRAM GmbH LEBP1MR Datasheet HTML 16Page - OSRAM GmbH LEBP1MR Datasheet HTML 17Page - OSRAM GmbH LEBP1MR Datasheet HTML 18Page - OSRAM GmbH LEBP1MR Datasheet HTML 19Page - OSRAM GmbH LEBP1MR Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
LE B P1MR
DATASHEET
DATASHEET
16 | Version 1.1 | 2022-08-17
Data Matrix Code Description
The Data Matrix Code bin information is Laser marked during testing
Content: aaaa@bbbb@ccc@ddddd@eeeee
Data Matrix Code Type: ECC200
a = Luminous Flux (Phiv) [lm] or Radiant Flux (Phie) [W]
(example: 3306)
b = Forward Voltage (Vf) [V]
(example: 3.46)
c = Wavelength (Ldom) [nm]
(example: 618)
d = Color Coordinate Cx
(example: 0.321)
e = Color Coordinate Cy
(example: 0.641)
@: Seperator = Blank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21