| Moteur de recherche de fiches techniques de composants électroniques |
|
ADA4062-4ACPZ-R2 Fiches technique(PDF) 11 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4062-4ACPZ-R2 Fiches technique(HTML) 11 Page - Analog Devices |
|
11 / 20 page ![]() ADA4062-2/ADA4062-4 Rev. B | Page 11 of 20 VSY = ±5V VIN = 4V p-p AV = +1 RL = 10kΩ CL = 100pF TIME (4µs/DIV) Figure 35. Large-Signal Transient Response TIME (10µs/DIV) VSY = ±5V VIN = 100mV p-p AV = +1 RL = 10kΩ CL = 100pF Figure 36. Small-Signal Transient Response –6 –4 –2 0 0 4 2 INPUT OUTPUT VSY = ±5V AV =–10 TIME (2µs/DIV) Figure 37. Negative Overload Recovery VSY = ±15V VIN = 20V p-p AV = +1 RL = 10kΩ CL = 100pF TIME (10µs/DIV) Figure 38. Large-Signal Transient Response TIME (10µs/DIV) VSY = ±15V VIN = 100mV p-p AV = +1 RL = 10kΩ CL = 100pF Figure 39. Small-Signal Transient Response 0 2 4 –20 –15 –10 –5 0 INPUT OUTPUT TIME (2µs/DIV) VSY = ±15V AV =–10 Figure 40. Negative Overload Recovery |