Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LEBP0MQ Fiches technique(PDF) 2 Page - OSRAM GmbH

No de pièce LEBP0MQ
Description  OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBP0MQ Fiches technique(HTML) 2 Page - OSRAM GmbH

  LEBP0MQ Datasheet HTML 1Page - OSRAM GmbH LEBP0MQ Datasheet HTML 2Page - OSRAM GmbH LEBP0MQ Datasheet HTML 3Page - OSRAM GmbH LEBP0MQ Datasheet HTML 4Page - OSRAM GmbH LEBP0MQ Datasheet HTML 5Page - OSRAM GmbH LEBP0MQ Datasheet HTML 6Page - OSRAM GmbH LEBP0MQ Datasheet HTML 7Page - OSRAM GmbH LEBP0MQ Datasheet HTML 8Page - OSRAM GmbH LEBP0MQ Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LE B P0MQ
DATASHEET
DATASHEET
2 | Version 1.3 | 2022-08-01
OSRAM OSTAR® Projection Power
LE B P0MQ
OSRAM OSTAR Projection Power is a high luminance LED for
projection applications.
Applications
- Projection & Display
- Visualization
Features
- Package: OSTAR High Power Projection
- Chip technology: UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λ
dom = 456 nm (● blue)
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
Ordering Information
Type
Total radiant flux 1)
Ordering Code
I
F = 6000 mA
Φ
e
LE B P0MQ-DSEQ-23
5630 ... 8200 mW
Q65113A0547



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22