| Moteur de recherche de fiches techniques de composants électroniques |
|
ADA4051-2ARMZ-R7 Fiches technique(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4051-2ARMZ-R7 Fiches technique(HTML) 15 Page - Analog Devices |
|
15 / 22 page ![]() Data Sheet ADA4051-1/ADA4051-2 Rev. C | Page 15 of 22 TA = 25°C, unless otherwise noted. TIME (40µs/DIV) VSY = ±0.9V G = –10 INPUT VOLTAGE OUTPUT VOLTAGE –0.5 1.5 0.5 0 –0.15 0.05 0 –0.05 –0.10 1.0 Figure 47. Negative Overload Recovery TIME (40µs/DIV) VSY = ±0.9V VIN = 1V p-p RL = 10kΩ CL = 100pF INPUT VOLTAGE OUTPUT VOLTAGE –5 5 0 ERROR BAND Figure 48. Positive Settling Time to 0.1% TIME (40µs/DIV) INPUT VOLTAGE OUTPUT VOLTAGE VSY = ±0.9V VIN = 1V p-p RL = 10kΩ CL = 100pF ERROR BAND –5 5 0 Figure 49. Negative Settling Time to 0.1% –0.3 –0.4 0.1 0 –0.1 –0.2 –1 3 4 1 0 2 TIME (40µs/DIV) INPUT VOLTAGE OUTPUT VOLTAGE VSY = ±2.5V G = –10 Figure 50. Negative Overload Recovery TIME (40µs/DIV) VSY = ±2.5V VIN = 1V p-p RL = 10kΩ CL = 100pF INPUT VOLTAGE OUTPUT VOLTAGE –5 5 0 ERROR BAND Figure 51. Positive Settling Time to 0.1% TIME (40µs/DIV) –5 5 0 VSY = ±2.5V VIN = 1V p-p RL = 10kΩ CL = 100pF INPUT VOLTAGE OUTPUT VOLTAGE ERROR BAND Figure 52. Negative Settling Time to 0.1% |