| Moteur de recherche de fiches techniques de composants électroniques |
|
LEAP1MQ Fiches technique(PDF) 2 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
LEAP1MQ Fiches technique(HTML) 2 Page - OSRAM GmbH |
|
2 / 21 page ![]() LE A P1MQ DATASHEET DATASHEET 2 | Version 1.5 | 2024-07-02 OSRAM OSTAR® Projection Power LE A P1MQ OSRAM OSTAR Projection Power is a high luminance LED for projection applications. Applications - Projection & Display - Visualization Features - Package: OSTAR High Power Projection - Chip technology: Thinfilm - Typ. Radiation: 120° (Lambertian emitter) - Color: λ dom = 613 nm (● amber) - ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2) Ordering Information Type Luminous Flux 1) Ordering Code I F = 6000 mA Φ V LE A P1MQ-SQST-W2 1940 ... 2590 lm Q65113A6957 |