| Moteur de recherche de fiches techniques de composants électroniques |
|
MF-RG Fiches technique(PDF) 4 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-RG Fiches technique(HTML) 4 Page - Bourns Electronic Solutions |
|
4 / 4 page ![]() MF-RG Series Tape and Reel Specifications Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. t User direction of feed Cross section A - B ∆p ∆p H H1 Reference plane W0 H0 W1 W A B F D0 P0 I1 I2 L H1 P1 ∆h ∆h h w h f d Reel Upper side Tape Lower side User direction of feed Reel Dimensions - Figure 2 Taped Component Dimensions - Figure 1 DIMENSIONS = MM (INCHES) IEC EIA Dimensions Dimension Description Mark Mark Dimensions Tolerance Arbor hole diameter fc Core diameter hn max. Box max. Consecutive missing places 3 max. Empty places per reel Not specified 26.0 (1.02) 80.0 (3.15) ±12.0 (±.472) 64 (2.52) 372 (14.6) 362 (14.25) |