| Moteur de recherche de fiches techniques de composants électroniques |
|
MD2001FH Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MD2001FH Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() Preliminary Data This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. May 2007 Rev 1 1/8 8 Order codes Part number Marking Package Packaging MD2001FH MD2001FH TO-220FH Tube MD2001FH High voltage NPN Power transistor for standard Definition CRT display Features ■ State-of-the-art technology: – Diffused collector “Enhanced generation” ■ More stable performances versus operating temperature variation ■ Low base-drive requirements ■ Tighter hFE range at operating collector current ■ Fully insulated power package U.L. compliant Applications ■ Horizontal deflection output for monitor and real flat TV Description The MD2001FH is manufactured using Diffused Collector in Planar Technology adopting new and enhanced high voltage structure. The new MD product series show improved silicon efficiency bringing updated performance to the Horizontal Deflection stage. Internal schematic diagram TO-220FH 1 2 3 www.st.com |
Numéro de pièce similaire - MD2001FH |
|
Description similaire - MD2001FH |