Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDF8704T/5 Fiches technique(PDF) 17 Page - NXP Semiconductors

No de pièce TDF8704T/5
Description  8-bit high-speed analog-to-digital converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF8704T/5 Fiches technique(HTML) 17 Page - NXP Semiconductors

Back Button TDF8704T/5 Datasheet HTML 12Page - NXP Semiconductors TDF8704T/5 Datasheet HTML 13Page - NXP Semiconductors TDF8704T/5 Datasheet HTML 14Page - NXP Semiconductors TDF8704T/5 Datasheet HTML 15Page - NXP Semiconductors TDF8704T/5 Datasheet HTML 16Page - NXP Semiconductors TDF8704T/5 Datasheet HTML 17Page - NXP Semiconductors TDF8704T/5 Datasheet HTML 18Page - NXP Semiconductors TDF8704T/5 Datasheet HTML 19Page - NXP Semiconductors TDF8704T/5 Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
June 1994
17
Philips Semiconductors
Product specification
8-bit high-speed analog-to-digital converter
TDF8704
PACKAGE OUTLINE
Fig.18 Plastic small outline package; 24 leads; large body; SOT137-1.
Dimensions in mm.
handbook, full pagewidth
7.6
7.4
10.65
10.00
A
MBC235 - 1
0.3
0.1
2.45
2.25
1.1
0.5
0.32
0.23
1.1
1.0
0 to 8
o
2.65
2.35
detail A
S
15.6
15.2
0.1 S
112
13
24
pin 1
index
0.9
0.4
(4x)
0.25 M
(24x)
0.49
0.36
1.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20