Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDF5140 Fiches technique(PDF) 17 Page - NXP Semiconductors

No de pièce TDF5140
Description  Brushless DC motor drive circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF5140 Fiches technique(HTML) 17 Page - NXP Semiconductors

Back Button TDF5140 Datasheet HTML 11Page - NXP Semiconductors TDF5140 Datasheet HTML 12Page - NXP Semiconductors TDF5140 Datasheet HTML 13Page - NXP Semiconductors TDF5140 Datasheet HTML 14Page - NXP Semiconductors TDF5140 Datasheet HTML 15Page - NXP Semiconductors TDF5140 Datasheet HTML 16Page - NXP Semiconductors TDF5140 Datasheet HTML 17Page - NXP Semiconductors TDF5140 Datasheet HTML 18Page - NXP Semiconductors TDF5140 Datasheet HTML 19Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
1999 March 15
17
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDF5140A
PACKAGE OUTLINES
8.25
7.80
0.32 max
7.62
9.5
8.3
MSA259
18
1
10
9
1.4 max
6.48
6.14
22.00
21.35
3.7
max 4.7
max
0.51
min
3.9
3.4
0.254 M
0.53
max
2.54
(8x)
0.85
max
Fig.10 18-pin dual in-line; plastic (SOT102).
Dimensions in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19