Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KBDELPS2.D2 Fiches technique(PDF) 24 Page - OSRAM GmbH

No de pièce KBDELPS2.D2
Description  The TOPLED E1608 expands ams-OSRAM’s low power portfolio to meet the requirements in the field of illumination of switches and buttons in automotive interior applications.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KBDELPS2.D2 Fiches technique(HTML) 24 Page - OSRAM GmbH

Back Button KBDELPS2.D2 Datasheet HTML 17Page - OSRAM GmbH KBDELPS2.D2 Datasheet HTML 18Page - OSRAM GmbH KBDELPS2.D2 Datasheet HTML 19Page - OSRAM GmbH KBDELPS2.D2 Datasheet HTML 20Page - OSRAM GmbH KBDELPS2.D2 Datasheet HTML 21Page - OSRAM GmbH KBDELPS2.D2 Datasheet HTML 22Page - OSRAM GmbH KBDELPS2.D2 Datasheet HTML 23Page - OSRAM GmbH KBDELPS2.D2 Datasheet HTML 24Page - OSRAM GmbH KBDELPS2.D2 Datasheet HTML 25Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
KB DELPS2.D2
DATASHEET
DATASHEET
24 | Version 1.2 | 2024-05-16
Revision History
Version
Date
Change
1.0
2019-10-16
Initial Version
1.0
2022-08-16
Initial Version
1.1
2022-11-16
Tape and Reel
Reel Dimensions
1.2
2024-05-16
Applications
Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25