Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KBDELPS2.12 Fiches technique(PDF) 3 Page - OSRAM GmbH

No de pièce KBDELPS2.12
Description  The TOPLED E1608 expands ams-OSRAM’s low power portfolio to meet the requirements in the field of illumination of switches and buttons in automotive interior applications.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KBDELPS2.12 Fiches technique(HTML) 3 Page - OSRAM GmbH

  KBDELPS2.12 Datasheet HTML 1Page - OSRAM GmbH KBDELPS2.12 Datasheet HTML 2Page - OSRAM GmbH KBDELPS2.12 Datasheet HTML 3Page - OSRAM GmbH KBDELPS2.12 Datasheet HTML 4Page - OSRAM GmbH KBDELPS2.12 Datasheet HTML 5Page - OSRAM GmbH KBDELPS2.12 Datasheet HTML 6Page - OSRAM GmbH KBDELPS2.12 Datasheet HTML 7Page - OSRAM GmbH KBDELPS2.12 Datasheet HTML 8Page - OSRAM GmbH KBDELPS2.12 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
KB DELPS2.12
DATASHEET
DATASHEET
3 | Version 1.10 | 2024-05-15
Ordering Information
Type
Luminous Intensity 1)
Ordering Code
I
F = 10 mA
I
v
KB DELPS2.12-QHRI-24-Z555
82 ... 180 mcd
Q65112A6350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23