Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS152B Fiches technique(PDF) 3 Page - GTM CORPORATION

No de pièce GS152B
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GTM [GTM CORPORATION]
Site Internet  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GS152B Fiches technique(HTML) 3 Page - GTM CORPORATION

  GS152B Datasheet HTML 1Page - GTM CORPORATION GS152B Datasheet HTML 2Page - GTM CORPORATION GS152B Datasheet HTML 3Page - GTM CORPORATION GS152B Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GS152B
Page: 3/4
ISSUED DATE :2006/02/06
REVISED DATE :
Characteristics Curve
Fig 1. Drain Current v.s.
Drain-Source Voltage
Fig 3. Drain-Source On-State Resistance
v.s. Gate-Source Voltage
Fig 4. Drain-Source On-State Resistance
v.s. Drain Current
Fig 6. Gate-Source Cut-off Voltage Variance
v.s. Ambient Temperature
Fig 5. Drain-Source On-State Resistance
v.s. Ambient Temperature
Fig 2. Drain Current v.s.
Gate-Source Voltage



Html Pages

1 2 3 4