Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M29F080D55M6F Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce M29F080D55M6F
Description  8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F080D55M6F Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button M29F080D55M6F Datasheet HTML 29Page - STMicroelectronics M29F080D55M6F Datasheet HTML 30Page - STMicroelectronics M29F080D55M6F Datasheet HTML 31Page - STMicroelectronics M29F080D55M6F Datasheet HTML 32Page - STMicroelectronics M29F080D55M6F Datasheet HTML 33Page - STMicroelectronics M29F080D55M6F Datasheet HTML 34Page - STMicroelectronics M29F080D55M6F Datasheet HTML 35Page - STMicroelectronics M29F080D55M6F Datasheet HTML 36Page - STMicroelectronics M29F080D55M6F Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
M29F080D
36/37
REVISION HISTORY
Table 23. Document Revision History
Date
Version
Revision Details
03-Dec-2001
-01
First Issue
05-Apr-2002
-02
Description of Ready/Busy signal clarified (and Figure 13 modified)
Clarified allowable commands during block erase
Clarified the mode the device returns to in the CFI Read Query command section
19-Sep-2005
3.0
Table 14. Ordering Information Scheme: standard package added and ECOPACK version
added for both standard package and Tape & Reel packing.
Datasheet status changed to FULL DATASHEET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37