Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M58LT256JST Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce M58LT256JST
Description  256 Mbit (16 Mb 횞 16, multiple bank, multilevel, burst) 1.8 V supply, secure Flash memories
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT256JST Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button M58LT256JST Datasheet HTML 45Page - STMicroelectronics M58LT256JST Datasheet HTML 46Page - STMicroelectronics M58LT256JST Datasheet HTML 47Page - STMicroelectronics M58LT256JST Datasheet HTML 48Page - STMicroelectronics M58LT256JST Datasheet HTML 49Page - STMicroelectronics M58LT256JST Datasheet HTML 50Page - STMicroelectronics M58LT256JST Datasheet HTML 51Page - STMicroelectronics M58LT256JST Datasheet HTML 52Page - STMicroelectronics M58LT256JST Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 106 page
background image
M58LT256JST, M58LT256JSB
Block protection
49/106
9.4
Protection operations during Erase Suspend
Changes to block protection status can be performed during an erase suspend by using the
standard protection command sequences to unprotect or protect a block. This is useful in
the case when another block needs to be updated while an erase operation is in progress.
To change block protection during an erase operation, first write the Erase Suspend
command, then check the Status Register until it indicates that the erase operation has
been suspended. Next write the desired Protect command sequence to a block and the
protection status will be changed. After completing any desired protect, read, or program
operations, resume the erase operation with the Erase Resume command.
If a block is protected during an erase suspend of the same block, the erase operation will
complete when the erase is resumed. Protection operations cannot be performed during a
program suspend.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More