Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M58LT128HST Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce M58LT128HST
Description  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HST Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button M58LT128HST Datasheet HTML 37Page - STMicroelectronics M58LT128HST Datasheet HTML 38Page - STMicroelectronics M58LT128HST Datasheet HTML 39Page - STMicroelectronics M58LT128HST Datasheet HTML 40Page - STMicroelectronics M58LT128HST Datasheet HTML 41Page - STMicroelectronics M58LT128HST Datasheet HTML 42Page - STMicroelectronics M58LT128HST Datasheet HTML 43Page - STMicroelectronics M58LT128HST Datasheet HTML 44Page - STMicroelectronics M58LT128HST Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 110 page
background image
M58LT128HST, M58LT128HSB
Configuration Register
41/110
Table 12.
Burst type definition
Start
Add
Sequential
Continuous Burst
4 words
8 words
16 words
0
0-1-2-3
0-1-2-3-4-5-6-
7
0-1-2-3-4-5-6-7-8-9-10-
11-12-13-14-15
0-1-2-3-4-5-6...
1
1-2-3-0
1-2-3-4-5-6-7-
0
1-2-3-4-5-6-7-8-9-10-
11-12-13-14-15-0
1-2-3-4-5-6-7-...15-WAIT-16-17-
18...
2
2-3-0-1
2-3-4-5-6-7-0-
1
2-3-4-5-6-7-8-9-10-11-
12-13-14-15-0-1
2-3-4-5-6-7...15-WAIT-WAIT-16-
17-18...
3
3-0-1-2
3-4-5-6-7-0-1-
2
3-4-5-6-7-8-9-10-11-12-
13-14-15-0-1-2
3-4-5-6-7...15-WAIT-WAIT-
WAIT-16-17-18...
...
7
7-4-5-6
7-0-1-2-3-4-5-
6
7-8-9-10-11-12-13-14-
15-0-1-2-3-4-5-6
7-8-9-10-11-12-13-14-15-WAIT-
WAIT-WAIT-16-17...
...
12
12-13-14-15-16-17-18...
13
13-14-15-WAIT-16-17-18...
14
14-15-WAIT-WAIT-16-17-18....
15
15-WAIT-WAIT-WAIT-16-17-18...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More