| Moteur de recherche de fiches techniques de composants électroniques |
|
93LC56A-E/ST Fiches technique(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
93LC56A-E/ST Fiches technique(HTML) 3 Page - Microchip Technology |
|
3 / 38 page ![]() © 2007 Microchip Technology Inc. DS21929D-page 3 93XX46X/56X/66X/76X/86X 93XX76A/B/C 93AA76A 8 1.8-5.5 No 1024 x 8 bits No I OT 93AA76B 8 1.8-5.5 No 512 x 16 bits No I OT 93AA76C 8 1.8-5.5 Yes Selectable x8 or x16 Yes I P, SN, ST, MS, MC 93LC76A 8 2.5-5.5 No 1024 x 8 bits No I, E OT 93LC76B 8 2.5-5.5 No 512 x 16 bits No I, E OT 93LC76C 8 2.5-5.5 Yes Selectable x8 or x16 Yes I, E P, SN, ST, MS, MC 93C76A 8 4.5-5.5 No 1024 x 8 bits No I, E OT 93C76B 8 4.5-5.5 No 512 x 16 bits No I, E OT 93C76C 8 4.5-5.5 Yes Selectable x8 or x16 Yes I, E P, SN, ST, MS, MC 93XX86A/B/C 93AA86A 16 1.8-5.5 No 2048 x 8 bits No I OT 93AA86B 16 1.8-5.5 No 1024 x 16 bits No I OT 93AA86C 16 1.8-5.5 Yes Selectable x8 or x16 Yes I P, SN, ST, MS, MC 93LC86A 16 2.5-5.5 No 2048 x 8 bits No I, E OT 93LC86B 16 2.5-5.5 No 1024 x 16 bits No I, E OT 93LC86C 16 2.5-5.5 Yes Selectable x8 or x16 Yes I, E P, SN, ST, MS, MC 93C86A 16 4.5-5.5 No 2048 x 8 bits No I, E OT 93C86B 16 4.5-5.5 No 1024 x 16 bits No I, E OT 93C86C 16 4.5-5.5 Yes Selectable x8 or x16 Yes I, E P, SN, ST, MS, MC TABLE 1-1: DEVICE SELECTION TABLE (CONTINUED) Part Number Density (Kbits) VCC Range ORG Pin Organization (Words) PE Pin Temp Range Packages |